Part Number Hot Search : 
2MI30M2 FPF1103 L7812CV D2001 16005 AP9971 T6027T 1249ACE
Product Description
Full Text Search
 

To Download MGF0915A03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI SEMICONDUCTOR
MGF0915A
L & S BAND GaAs FET [ SMD non - matched ]
DESCRIPTION
The MGF0915A GaAs FET with an N-channel schottky Gate, is designed for use UHF band amplifiers.
FEATURES
* High output power Po=36.5 dBm(TYP.) @f=1.9GHz,Pin=23dBm * High power gain Gp=14.5 dB(TYP.) @f=1.9GHz * High power added efficiency add=50 %(TYP.) @f=1.9GHz,Pin=23dBm * Hermetic Package
APPLICATION
* For UHF Band power amplifiers
QUALITY
* GG
Fig.1
* Ids=800 mA * Rg=100
RECOMMENDED BIAS CONDITIONS
* Vds=10V
Delivery
-01:Tape & Reel(1K), -03:Trai(50pcs)
(Ta=25C)
Absolute maximum ratings
Symbol
VGSO VGDO ID IGR IGF PT Tch Tstg
Parameter
Gate to sourcebreakdown voltage Gate to drain breakdown voltage Drain current Reverse gate current Forward gate current Total power dissipation Cannel temperature Storage temperature
Ratings
-15 -15 3000 -10 21 18.7 175 -65 to +175
Unit
V V mA mA mA W C C
Electrical characteristics
Symbol
IDSS VGS(off) gm Po add GLP Rth(ch-c)
(Ta=25C)
Parameter
Saturated drain current Gate to source cut-off voltage Transconductance Output power Power added Efficiency Linear Power Gain Thermal Resistance *1
Test conditions
Min. VDS=3V,VGS=0V VDS=3V,ID=10mA VDS=3V,ID=800mA VDS=10V,ID=800mA,f=1.9GHz Pin=23dBm VDS=10V,ID=800mA,f=1.9GHz Vf Method -1 35.0 13.0 -
Limits
Typ. 2400 -3 1000 36.5 50 14.5 5 Max. 3000 -5 8
Unit
mA V mS dBm % dB C/W
*1:Channel to case /
Above parameters, ratings, limits are subject to change.
Mitsubishi Electric
Jan 2003
MGF0915A TYPICAL CHARACTERISTICS
Po,Gp,PAE vs.Pin
40 35 30 Gp(dB),Po(dBm) 25
PAE VDS=10V ID=0.8A Po
80 70 60 50 40
Gp
f=1.9GHz
20 15 10 5 0 5 10 15 20 25 30 Pin(dBm)
30 20 10 0
IM3,Po(SCL) vs. Pi(SCL)
40 30 20 VD=10V ID=800mA f1=1.90GHz f2=1.91GHz Po 10 0 -10 -20 -30 -40 -50 -60 -70 -5 0 5 10 15 20 25
Po(SCL) (dBm)
10 0 -10 -20 -30 -40
IM3
Pi(SCL) (dBm)
Mitsubishi Electric Jan 2003
IM3 (dBc)
PAE(%)
MGF0915A S PARAMETERS (Ta=25C, VDS=10V, ID=800mA, Reference Plane see Fig.1)
freq. (MHz) 600 1000 1400 1800 2200 2600 3000 3400 3800 4200 4600 5000 5400 5800 6200 6600 7000 7400 7800 8200 8600 9000 9400 9800 10200 10600 11000 11400 11800 12200 S11 (mag) 0.948 0.947 0.946 0.946 0.945 0.944 0.942 0.939 0.935 0.930 0.925 0.918 0.911 0.903 0.894 0.884 0.871 0.855 0.833 0.807 0.778 0.748 0.717 0.688 0.671 0.672 0.697 0.746 0.812 0.877 (ang) -145.92 -161.85 -168.94 -173.55 -176.72 -178.89 178.80 177.37 174.73 171.44 167.90 164.36 160.93 157.60 154.31 150.88 147.10 142.73 137.52 131.21 123.58 114.45 103.71 91.34 77.41 62.12 45.82 29.03 12.43 -3.09 (mag) 4.852 2.941 2.144 1.746 1.456 1.211 1.032 0.934 0.888 0.836 0.759 0.798 0.730 0.715 0.708 0.707 0.711 0.721 0.739 0.765 0.802 0.849 0.905 0.964 1.023 1.072 1.100 1.095 1.038 0.913 S21 (ang) 99.38 86.78 77.11 69.39 62.91 57.13 51.69 46.34 40.95 35.45 29.81 24.04 18.15 12.14 6.01 -0.28 -6.80 -13.66 -20.98 -28.93 -37.70 -47.48 -58.48 -70.88 -84.83 -100.40 -117.62 -136.37 -156.40 -177.29 (mag) 0.013 0.015 0.015 0.016 0.017 0.018 0.019 0.020 0.022 0.024 0.027 0.031 0.035 0.039 0.045 0.052 0.060 0.069 0.081 0.094 0.110 0.129 0.152 0.179 0.211 0.248 0.293 0.326 0.346 0.346 S12 (ang) 24.42 26.56 28.76 30.92 32.93 34.72 36.22 37.37 38.13 38.46 38.33 37.72 36.59 34.92 32.68 29.84 26.34 22.15 17.18 11.37 4.61 -3.21 -12.23 -22.60 -34.51 -48.17 -63.82 -81.74 -102.24 -125.67 (mag) 0.721 0.717 0.719 0.725 0.732 0.739 0.745 0.749 0.751 0.751 0.749 0.745 0.740 0.732 0.724 0.713 0.702 0.688 0.671 0.651 0.624 0.590 0.545 0.487 0.410 0.311 0.184 0.021 0.194 0.404
2.0
S22 (ang) -177.51 -178.09 -178.44 -178.66 -178.82 -178.94 -179.06 -179.19 -179.32 -179.44 -179.56 -179.67 -179.78 179.67 177.54 175.25 172.45 169.39 166.53 164.20 162.51 161.19 159.72 157.44 153.88 149.13 144.37 -179.00 -81.10 -95.22
K 0.38 0.63 0.84 0.94 1.03 1.14 1.27 1.34 1.34 1.38 1.43 1.27 1.33 1.32 1.26 1.20 1.15 1.12 1.09 1.08 1.04 1.00 0.96 0.93 0.90 0.86 0.81 0.79 0.79 0.79
MAG/MSG (dB) 25.72 22.92 21.55 20.38 18.23 16.00 14.25 13.19 12.59 11.75 10.58 10.96 9.76 9.23 8.90 8.65 8.38 8.06 7.75 7.43 7.36 8.18 7.75 7.31 6.86 6.36 5.75 5.26 4.77 4.21
Gate Mark Round corner (1)
0.80
0.8
Gate Mark
(1) Reference Plane
4.20
1.20
(3)
Reference Plane (2)
4.00 0.25
(2) 0.6
2.5
(1) Gate (2) Drain (3) Source
0.3
BACK SIDE PATTERN
(Unit:mm)
Fig.1 OUTLINE DRAWING
Mitsubishi Electric Jan 2003
2.8


▲Up To Search▲   

 
Price & Availability of MGF0915A03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X